Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 52 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 52 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 48Page - STMicroelectronics NAND02G-B2C Datasheet HTML 49Page - STMicroelectronics NAND02G-B2C Datasheet HTML 50Page - STMicroelectronics NAND02G-B2C Datasheet HTML 51Page - STMicroelectronics NAND02G-B2C Datasheet HTML 52Page - STMicroelectronics NAND02G-B2C Datasheet HTML 53Page - STMicroelectronics NAND02G-B2C Datasheet HTML 54Page - STMicroelectronics NAND02G-B2C Datasheet HTML 55Page - STMicroelectronics NAND02G-B2C Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
DC And AC parameters
NAND01G-B2B, NAND02G-B2C
52/62
Figure 26.
Page Program AC waveform
1.
A fifth address cycle is required for 2Gb devices only.
CL
E
W
AL
R
I/O
RB
SR0
ai13110b
N
Last
10h
70h
80h
Page Program
Setup Code
Confirm
Code
Read Status Register
tWLWL
tWLWL
tWLWL
tWHBL
tBLBH2
Page
Program
Address Input
Data Input
Add.N
cycle 1
Add.N
cycle 4
Add.N
cycle 3
Add.N
cycle 2
(Write Cycle time)
(Program Busy time)
Add.N
cycle 5
tWHWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com