Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 28 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 28 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 24Page - STMicroelectronics NAND02G-B2C Datasheet HTML 25Page - STMicroelectronics NAND02G-B2C Datasheet HTML 26Page - STMicroelectronics NAND02G-B2C Datasheet HTML 27Page - STMicroelectronics NAND02G-B2C Datasheet HTML 28Page - STMicroelectronics NAND02G-B2C Datasheet HTML 29Page - STMicroelectronics NAND02G-B2C Datasheet HTML 30Page - STMicroelectronics NAND02G-B2C Datasheet HTML 31Page - STMicroelectronics NAND02G-B2C Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
Device operations
NAND01G-B2B, NAND02G-B2C
28/62
Figure 11.
Copy Back Program
1.
Copy back program is only permitted between odd address pages or even address pages.
Figure 12.
Page Copy Back Program with Random Data Input
I/O
RB
Source
Add Inputs
ai09858b
85h
Copy Back
Code
Read
Code
Read Status Register
Target
Add Inputs
tBLBH1
(Read Busy time)
Busy
tBLBH2
(Program Busy time)
00h
10h
70h
SR0
Busy
35h
I/O
RB
Source
Add Inputs
ai11001
85h
Read
Code
Target
Add Inputs
tBLBH1
(Read Busy time)
00h
Busy
35h
85h
Data
2 Cycle
Add Inputs
Data
Copy Back
Code
10h
70h
Unlimited number of repetitions
Busy
tBLBH2
(Program Busy time)
SR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com