Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 48 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 48 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 44Page - STMicroelectronics NAND02G-B2C Datasheet HTML 45Page - STMicroelectronics NAND02G-B2C Datasheet HTML 46Page - STMicroelectronics NAND02G-B2C Datasheet HTML 47Page - STMicroelectronics NAND02G-B2C Datasheet HTML 48Page - STMicroelectronics NAND02G-B2C Datasheet HTML 49Page - STMicroelectronics NAND02G-B2C Datasheet HTML 50Page - STMicroelectronics NAND02G-B2C Datasheet HTML 51Page - STMicroelectronics NAND02G-B2C Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
DC And AC parameters
NAND01G-B2B, NAND02G-B2C
48/62
Figure 20.
Address Latch AC waveforms
1.
A fifth address cycle is required for 2Gb devices only.
Figure 21.
Data Input Latch AC waveforms
1.
Data In Last is 2112 in x8 devices and 1056 in x16 devices.
ai13106
CL
E
W
AL
I/O
tWLWH
tELWH
tWLWL
tCLLWH
tWHWL
tALHWH
tDVWH
tWLWL
tWLWL
tWLWH
tWLWH
tWLWH
tWHWL
tWHWL
tWHDX
tWHALL
tDVWH
tWHDX
tDVWH
tWHDX
tDVWH
tWHDX
tWHALL
Adrress
cycle 1
tWHALL
(AL Setup time)
(AL Hold time)
Adrress
cycle 4
Adrress
cycle 3
Adrress
cycle 2
(CL Setup time)
(Data Setup time)
(Data Hold time)
(E Setup time)
Adrress
cycle 5
tWLWL
tWLWH
tDVWH
tWHDX
tWHWL
tWHALL
tWHCLH
CL
E
AL
W
I/O
tALLWH
tWLWL
tWLWH
tWHEH
tWLWH
tWLWH
Data In 0
Data In 1
Data In
Last
tDVWH
tWHDX
tDVWH
tWHDX
tDVWH
tWHDX
ai13107
(Data Setup time)
(Data Hold time)
(ALSetup time)
(CL Hold time)
(E Hold time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com