Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 56 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 56 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 52Page - STMicroelectronics NAND02G-B2C Datasheet HTML 53Page - STMicroelectronics NAND02G-B2C Datasheet HTML 54Page - STMicroelectronics NAND02G-B2C Datasheet HTML 55Page - STMicroelectronics NAND02G-B2C Datasheet HTML 56Page - STMicroelectronics NAND02G-B2C Datasheet HTML 57Page - STMicroelectronics NAND02G-B2C Datasheet HTML 58Page - STMicroelectronics NAND02G-B2C Datasheet HTML 59Page - STMicroelectronics NAND02G-B2C Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
DC And AC parameters
NAND01G-B2B, NAND02G-B2C
56/62
Figure 33.
Resistor value versus waveform timings for Ready/Busy signal
1.
T = 25°C.
11.2
Data Protection
The ST NAND device is designed to guarantee Data Protection during Power Transitions.
A VDD detection circuit disables all NAND operations, if VDD is below the VLKO threshold.
In the VDD range from VLKO to the lower limit of nominal range, the WP pin should be kept
low (VIL) to guarantee hardware protection during power transitions as shown in the below
figure.
Figure 34.
Data Protection
ai07565B
RP (KΩ)
12
3
4
100
300
200
1
2
3
1.7
0.85
30
1.7
1.7
1.7
1.7
tr
tf
ibusy
0
400
4
RP (KΩ)
12
3
4
100
300
200
1
2
3
2.4
1.2
0.8
0.6
100
200
300
400
3.6
3.6
3.6
3.6
0
400
4
VDD = 1.8V, CL = 30pF
VDD = 3.3V, CL = 100pF
60
90
120
0.57
0.43
Ai11086
VLKO
VDD
W
Nominal Range
Locked
Locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com