Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 29 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 29 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 25Page - STMicroelectronics NAND02G-B2C Datasheet HTML 26Page - STMicroelectronics NAND02G-B2C Datasheet HTML 27Page - STMicroelectronics NAND02G-B2C Datasheet HTML 28Page - STMicroelectronics NAND02G-B2C Datasheet HTML 29Page - STMicroelectronics NAND02G-B2C Datasheet HTML 30Page - STMicroelectronics NAND02G-B2C Datasheet HTML 31Page - STMicroelectronics NAND02G-B2C Datasheet HTML 32Page - STMicroelectronics NAND02G-B2C Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
Device operations
29/62
6.5
Cache Program
The Cache Program operation is used to improve the programming throughput by
programming data using the Cache Register. The Cache Program operation can only be
used within one block. The Cache Register allows new data to be input while the previous
data that was transferred to the Page Buffer is programmed into the memory array.
The following sequence is required to issue a Cache Program operation (refer to Figure 13):
1.
First of all the program setup command is issued: one bus cycle to issue the program
setup command then 4 or 5 bus write cycles to input the address (see Table 6 and
Table 7). The data is then input (up to 2112 Bytes/ 1056 Words) and loaded into the
Cache Register.
2.
One bus cycle is required to issue the confirm command to start the P/E/R Controller.
3.
The P/E/R Controller then transfers the data to the Page Buffer. During this the device
is busy for a time of tWHBH2.
4.
Once the data is loaded into the Page Buffer the P/E/R Controller programs the data
into the memory array. As soon as the Cache Registers are empty (after tWHBH2) a new
Cache program command can be issued, while the internal programming is still
executing.
Once the program operation has started the Status Register can be read using the Read
Status Register command. During Cache Program operations SR5 can be read to find out
whether the internal programming is ongoing (SR5 = ‘0’) or has completed (SR5 = ‘1’) while
SR6 indicates whether the Cache Register is ready to accept new data. If any errors have
been detected on the previous page (Page N-1), the Cache Program Error Bit SR1 will be set
to ‘1', while if the error has been detected on Page N the Error Bit SR0 will be set to '1’.
When the next page (Page N) of data is input with the Cache Program command, tWHBH2 is
affected by the pending internal programming. The data will only be transferred from the
Cache Register to the Page Buffer when the pending program cycle is finished and the Page
Buffer is available.
If the system monitors the progress of the operation using only the Ready/Busy signal, the
last page of data must be programmed with the Page Program confirm command (10h).
If the Cache Program confirm command (15h) is used instead, Status Register bit SR5 must
be polled to find out if the last programming is finished before starting any other operations.
Figure 13.
Cache Program Operation
1.
Up to 64 pages can be programmed in one Cache Program operation.
2.
tCACHEPG is the program time for the last page + the program time for the (last − 1)
th page
− (Program command cycle time
+ Last page data loading time).
I/O
RB
Address
Inputs
ai08672
80h
Page
Program
Code
Read Status
Register
Busy
Data
Inputs
15h
Cache
Program
Code
80h
Page
Program
Code
15h
Cache Program
Confirm Code
Busy
Last Page
tBLBH5
(Cache Busy time)
tBLBH5
tCACHEPG
SR0
70h
80h
10h
Page
Program
Confirm Code
Busy
First Page
Second Page
(can be repeated up to 63 times)
Address
Inputs
Data
Inputs
Address
Inputs
Data
Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com