Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 33 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 33 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 29Page - STMicroelectronics NAND02G-B2C Datasheet HTML 30Page - STMicroelectronics NAND02G-B2C Datasheet HTML 31Page - STMicroelectronics NAND02G-B2C Datasheet HTML 32Page - STMicroelectronics NAND02G-B2C Datasheet HTML 33Page - STMicroelectronics NAND02G-B2C Datasheet HTML 34Page - STMicroelectronics NAND02G-B2C Datasheet HTML 35Page - STMicroelectronics NAND02G-B2C Datasheet HTML 36Page - STMicroelectronics NAND02G-B2C Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
Device operations
33/62
6.9
Read Electronic Signature
The device contains a Manufacturer Code and Device Code. To read these codes three steps
are required:
1.
one Bus Write cycle to issue the Read Electronic Signature command (90h)
2.
one Bus Write cycle to input the address (00h)
3.
four Bus Read Cycles to sequentially output the data (as shown in Table 14: Electronic
Signature).
Table 14.
Electronic Signature
Part Number
Byte/Word 1
Byte/Word 2
Byte/Word 3
(see Table 15)
Byte/Word 4
(see Table 16)
Manufacturer
Code
Device code
NAND01GR3B2B
20h
A1h
80h
15h
NAND01GW3B2B
F1h
1Dh
NAND01GR4B2B
0020h
B1h
55h
NAND01GW4B2B
C1h
5Dh
NAND02GR3B2C
20h
AAh
15h
NAND02GW3B2C
DAh
1Dh
NAND02GR4B2C
0020h
BAh
55h
NAND02GW42C
CAh
5Dh
Table 15.
Electronic Signature Byte 3
I/O
Definition
Value
Description
I/O1-I/O0
Internal Chip number
0 0
0 1
1 0
1 1
1
2
4
8
I/O3-I/O2
Cell Type
0 0
0 1
1 0
1 1
2-level cell
4-level cell
8-level cell
16-level cell
I/O5-I/O4
Number of simultaneously
programmed pages
0 0
0 1
1 0
1 1
1
2
4
8
I/O6
Interleaved Programming
between multiple devices
0
1
Not supported
Supported
I/O7
Cache Program
0
1
Not supported
Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com