Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 15 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 15 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 11Page - STMicroelectronics NAND02G-B2C Datasheet HTML 12Page - STMicroelectronics NAND02G-B2C Datasheet HTML 13Page - STMicroelectronics NAND02G-B2C Datasheet HTML 14Page - STMicroelectronics NAND02G-B2C Datasheet HTML 15Page - STMicroelectronics NAND02G-B2C Datasheet HTML 16Page - STMicroelectronics NAND02G-B2C Datasheet HTML 17Page - STMicroelectronics NAND02G-B2C Datasheet HTML 18Page - STMicroelectronics NAND02G-B2C Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
Signals description
15/62
3
Signals description
See Figure 2: Logic Diagram, and Table 3: Signal Names, for a brief overview of the signals
connected to this device.
3.1
Inputs/Outputs (I/O0-I/O7)
Input/Outputs 0 to 7 are used to input the selected address, output the data during a Read
operation or input a command or data during a Write operation. The inputs are latched on
the rising edge of Write Enable. I/O0-I/O7 are left floating when the device is deselected or
the outputs are disabled.
3.2
Inputs/Outputs (I/O8-I/O15)
Input/Outputs 8 to 15 are only available in x16 devices. They are used to output the data
during a Read operation or input data during a Write operation. Command and Address
Inputs only require I/O0 to I/O7.
The inputs are latched on the rising edge of Write Enable. I/O8-I/O15 are left floating when
the device is deselected or the outputs are disabled.
3.3
Address Latch Enable (AL)
The Address Latch Enable activates the latching of the Address inputs in the Command
Interface. When AL is high, the inputs are latched on the rising edge of Write Enable.
3.4
Command Latch Enable (CL)
The Command Latch Enable activates the latching of the Command inputs in the Command
Interface. When CL is high, the inputs are latched on the rising edge of Write Enable.
3.5
Chip Enable (E)
The Chip Enable input activates the memory control logic, input buffers, decoders and
sense amplifiers. When Chip Enable is low, VIL, the device is selected. If Chip Enable goes
high, vIH, while the device is busy, the device remains selected and does not go into standby
mode.
3.6
Read Enable (R)
The Read Enable pin, R, controls the sequential data output during Read operations. Data
is valid tRLQV after the falling edge of R. The falling edge of R also increments the internal
column address counter by one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com