Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 60 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 60 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 54Page - STMicroelectronics NAND02G-B2C Datasheet HTML 55Page - STMicroelectronics NAND02G-B2C Datasheet HTML 56Page - STMicroelectronics NAND02G-B2C Datasheet HTML 57Page - STMicroelectronics NAND02G-B2C Datasheet HTML 58Page - STMicroelectronics NAND02G-B2C Datasheet HTML 59Page - STMicroelectronics NAND02G-B2C Datasheet HTML 60Page - STMicroelectronics NAND02G-B2C Datasheet HTML 61Page - STMicroelectronics NAND02G-B2C Datasheet HTML 62Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
Part numbering
NAND01G-B2B, NAND02G-B2C
60/62
13
Part numbering
Devices are shipped from the factory with the memory content bits, in valid blocks, erased to
’1’. For further information on any aspect of this device, please contact your nearest ST
Sales Office.
Table 29.
Ordering Information Scheme
Example:
NAND02GR3B2C ZA 6
E
Device Type
NAND Flash Memory
Density
01G = 1Gb
02G = 2Gb
Operating Voltage
R = VDD = 1.7 to 1.95V
W = VDD = 2.7 to 3.6V
Bus Width
3 = x8
4 = x16(1)
1.
x16 organization only available for MCP Products.
Family Identifier
B = 2112 Bytes/ 1056 Word Page
Device Options
2 = Chip Enable Don't Care Enabled
Product Version
B= Second Version (1Gb devices)
C= Third Version (2Gb devices)
Package
N = TSOP48 12 x 20mm
ZA = VFBGA63 9.5 x 12 x 1mm, 0.8mm pitch(2)
2.
For NAND02G-B2C devices only.
ZA= VFBGA63 9 x 11 x 1mm, 0.8mm pitch(3)
3.
For NAND01G-B2B devices only.
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
E = Lead Free Package, Standard Packing
F = Lead Free Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com