Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 16 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 16 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 12Page - STMicroelectronics NAND02G-B2C Datasheet HTML 13Page - STMicroelectronics NAND02G-B2C Datasheet HTML 14Page - STMicroelectronics NAND02G-B2C Datasheet HTML 15Page - STMicroelectronics NAND02G-B2C Datasheet HTML 16Page - STMicroelectronics NAND02G-B2C Datasheet HTML 17Page - STMicroelectronics NAND02G-B2C Datasheet HTML 18Page - STMicroelectronics NAND02G-B2C Datasheet HTML 19Page - STMicroelectronics NAND02G-B2C Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Signals description
NAND01G-B2B, NAND02G-B2C
16/62
3.7
Write Enable (W)
The Write Enable input, W, controls writing to the Command Interface, Input Address and
Data latches. Both addresses and data are latched on the rising edge of Write Enable.
During power-up and power-down a recovery time of 10µs (min) is required before the
Command Interface is ready to accept a command. It is recommended to keep Write Enable
high during the recovery time.
3.8
Write Protect (WP)
The Write Protect pin is an input that gives a hardware protection against unwanted program
or erase operations. When Write Protect is Low, VIL, the device does not accept any
program or erase operations.
It is recommended to keep the Write Protect pin Low, VIL, during power-up and power-down.
3.9
Ready/Busy (RB)
The Ready/Busy output, RB, is an open-drain output that can be used to identify if the P/E/R
Controller is currently active. When Ready/Busy is Low, VOL, a read, program or erase
operation is in progress. When the operation completes Ready/Busy goes High, VOH.
The use of an open-drain output allows the Ready/Busy pins from several memories to be
connected to a single pull-up resistor. A Low will then indicate that one, or more, of the
memories is busy.
Refer to the Section 11.1: Ready/Busy Signal electrical characteristics for details on how to
calculate the value of the pull-up resistor.
3.10
VDD Supply Voltage
VDD provides the power supply to the internal core of the memory device. It is the main
power supply for all operations (read, program and erase).
An internal voltage detector disables all functions whenever VDD is below VLKO (see
Table 22 and Table 23) to protect the device from any involuntary program/erase during
power-transitions.
Each device in a system should have VDD decoupled with a 0.1µF capacitor. The PCB track
widths should be sufficient to carry the required program and erase currents.
3.11
VSS Ground
Ground, VSS, is the reference for the power supply. It must be connected to the system
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com