Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 30 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 30 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 26Page - STMicroelectronics NAND02G-B2C Datasheet HTML 27Page - STMicroelectronics NAND02G-B2C Datasheet HTML 28Page - STMicroelectronics NAND02G-B2C Datasheet HTML 29Page - STMicroelectronics NAND02G-B2C Datasheet HTML 30Page - STMicroelectronics NAND02G-B2C Datasheet HTML 31Page - STMicroelectronics NAND02G-B2C Datasheet HTML 32Page - STMicroelectronics NAND02G-B2C Datasheet HTML 33Page - STMicroelectronics NAND02G-B2C Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
Device operations
NAND01G-B2B, NAND02G-B2C
30/62
6.6
Block Erase
Erase operations are done one block at a time. An erase operation sets all of the bits in the
addressed block to ‘1’. All previous data in the block is lost.
An erase operation consists of three steps (refer to Figure 14):
1.
One bus cycle is required to setup the Block Erase command. Only addresses A18-
A28 (x8) or A17-A27 (x16) are used, the other address inputs are ignored.
2.
two or three bus cycles are then required to load the address of the block to be erased.
Refer to Table 8 and Table 9 for the block addresses of each device.
3.
one bus cycle is required to issue the Block Erase confirm command to start the P/E/R
Controller.
The operation is initiated on the rising edge of write Enable, W, after the confirm command
is issued. The P/E/R Controller handles Block Erase and implements the verify process.
During the Block Erase operation, only the Read Status Register and Reset commands will
be accepted, all other commands will be ignored.
Once the program operation has completed the P/E/R Controller bit SR6 is set to ‘1’ and the
Ready/Busy signal goes High. If the operation completed successfully, the Write Status Bit
SR0 is ‘0’, otherwise it is set to ‘1’.
Figure 14.
Block Erase Operation
6.7
Reset
The Reset command is used to reset the Command Interface and Status Register. If the
Reset command is issued during any operation, the operation will be aborted. If it was a
program or erase operation that was aborted, the contents of the memory locations being
modified will no longer be valid as the data will be partially programmed or erased.
If the device has already been reset then the new Reset command will not be accepted.
The Ready/Busy signal goes Low for tBLBH4 after the Reset command is issued. The value
of tBLBH4 depends on the operation that the device was performing when the command was
issued, refer to Table 25: AC Characteristics for Operations for the values.
I/O
RB
Block Address
Inputs
SR0
ai07593
D0h
70h
60h
Block Erase
Setup Code
Confirm
Code
Read Status Register
Busy
tBLBH3
(Erase Busy time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com