Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 13 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 13 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 9Page - STMicroelectronics NAND02G-B2C Datasheet HTML 10Page - STMicroelectronics NAND02G-B2C Datasheet HTML 11Page - STMicroelectronics NAND02G-B2C Datasheet HTML 12Page - STMicroelectronics NAND02G-B2C Datasheet HTML 13Page - STMicroelectronics NAND02G-B2C Datasheet HTML 14Page - STMicroelectronics NAND02G-B2C Datasheet HTML 15Page - STMicroelectronics NAND02G-B2C Datasheet HTML 16Page - STMicroelectronics NAND02G-B2C Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
Memory array organization
13/62
2
Memory array organization
The memory array is made up of NAND structures where 32 cells are connected in series.
The memory array is organized in blocks where each block contains 64 pages. The array is
split into two areas, the main area and the spare area. The main area of the array is used to
store data whereas the spare area is typically used to store Error correction Codes, software
flags or Bad Block identification.
In x8 devices the pages are split into a 2048 Byte main area and a spare area of 64 Bytes.
In the x16 devices the pages are split into a 1,024 Word main area and a 32 Word spare
area. Refer to Figure 5: Memory Array Organization.
2.1
Bad blocks
The NAND Flash 2112 Byte/ 1056 Word Page devices may contain Bad Blocks, that is
blocks that contain one or more invalid bits whose reliability is not guaranteed. Additional
Bad Blocks may develop during the lifetime of the device.
The Bad Block Information is written prior to shipping (refer to Section 8.1: Bad Block
Management for more details).
Table 4: Valid Blocks shows the minimum number of valid blocks in each device. The values
shown include both the Bad Blocks that are present when the device is shipped and the Bad
Blocks that could develop later on.
These blocks need to be managed using Bad Blocks Management, Block Replacement or
Error Correction Codes (refer to Section 8: Software algorithms).
Table 4.
Valid Blocks
Density of Device
Min
Max
2 Gbits
2008
2048
1 Gbit
1004
1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com