Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 58 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 58 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 54Page - STMicroelectronics NAND02G-B2C Datasheet HTML 55Page - STMicroelectronics NAND02G-B2C Datasheet HTML 56Page - STMicroelectronics NAND02G-B2C Datasheet HTML 57Page - STMicroelectronics NAND02G-B2C Datasheet HTML 58Page - STMicroelectronics NAND02G-B2C Datasheet HTML 59Page - STMicroelectronics NAND02G-B2C Datasheet HTML 60Page - STMicroelectronics NAND02G-B2C Datasheet HTML 61Page - STMicroelectronics NAND02G-B2C Datasheet HTML 62Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
Package mechanical
NAND01G-B2B, NAND02G-B2C
58/62
Figure 36.
VFBGA63 9.5x12mm - 6x8 active ball array, 0.80mm pitch, Package Outline
1.
Drawing is not to scale
E
D
eb
SD
SE
A2
A1
A
BGA-Z67
ddd
FD1
D2
E2
e
FE
FE1
e
E1
D1
FD
BALL "A1"
Table 27.
VFBGA63 9.5x12mm - 6x8 active ball array, 0.80mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.05
0.0413
A1
0.25
0.0098
A2
0.70
0.0276
b
0.45
0.40
0.50
0.0177
0.0157
0.0197
D
9.50
9.40
9.60
0.3740
0.3701
0.3780
D1
4.00
0.1575
D2
7.20
0.2835
ddd
0.10
0.0039
E
12.00
11.90
12.10
0.4724
0.4685
0.4764
E1
5.60
0.2205
E2
8.80
0.3465
e
0.80
–
–
0.0315
–
–
FD
2.75
0.1083
FD1
1.15
0.0453
FE
3.20
0.1260
FE1
1.60
0.0630
SD
0.40
0.0157
SE
0.40
0.0157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com