Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 39 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 39 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 35Page - STMicroelectronics NAND02G-B2C Datasheet HTML 36Page - STMicroelectronics NAND02G-B2C Datasheet HTML 37Page - STMicroelectronics NAND02G-B2C Datasheet HTML 38Page - STMicroelectronics NAND02G-B2C Datasheet HTML 39Page - STMicroelectronics NAND02G-B2C Datasheet HTML 40Page - STMicroelectronics NAND02G-B2C Datasheet HTML 41Page - STMicroelectronics NAND02G-B2C Datasheet HTML 42Page - STMicroelectronics NAND02G-B2C Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
Software algorithms
39/62
Figure 17.
Error Detection
8.6
Hardware Simulation models
8.6.1
Behavioral simulation models
Denali Software Corporation models are platform independent functional models designed
to assist customers in performing entire system simulations (typical VHDL/Verilog). These
models describe the logic behavior and timings of NAND Flash devices, and so allow
software to be developed before hardware.
8.6.2
IBIS simulations models
IBIS (I/O Buffer Information Specification) models describe the behavior of the I/O buffers
and electrical characteristics of Flash devices.
These models provide information such as AC characteristics, rise/fall times and package
mechanical data, all of which are measured or simulated at voltage and temperature ranges
wider than those allowed by target specifications.
IBIS models are used to simulate PCB connections and can be used to resolve compatibility
issues when upgrading devices. They can be imported into SPICETOOLS.
New ECC generated
during read
XOR previous ECC
with new ECC
All results
= zero?
22 bit data = 0
YES
11 bit data = 1
NO
1 bit data = 1
Correctable
Error
ECC Error
No Error
ai08332
>1 bit
= zero?
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com