Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 42 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 42 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 38Page - STMicroelectronics NAND02G-B2C Datasheet HTML 39Page - STMicroelectronics NAND02G-B2C Datasheet HTML 40Page - STMicroelectronics NAND02G-B2C Datasheet HTML 41Page - STMicroelectronics NAND02G-B2C Datasheet HTML 42Page - STMicroelectronics NAND02G-B2C Datasheet HTML 43Page - STMicroelectronics NAND02G-B2C Datasheet HTML 44Page - STMicroelectronics NAND02G-B2C Datasheet HTML 45Page - STMicroelectronics NAND02G-B2C Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
DC And AC parameters
NAND01G-B2B, NAND02G-B2C
42/62
11
DC And AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 20: Operating and AC Measurement Conditions. Designers should check that the
operating conditions in their circuit match the measurement conditions when relying on the
quoted parameters.
Table 20.
Operating and AC Measurement Conditions
Parameter
NAND Flash
Units
Min
Max
Supply Voltage (VDD)
1.8V devices
1.7
1.95
V
3V devices
2.7
3.6
V
Ambient Temperature (TA)
Grade 1
0
70
°C
Grade 6
–40
85
°C
Load Capacitance (CL)
(1 TTL GATE and CL)
1.8V devices
30
pF
3V devices (2.7 - 3.6V)
50
pF
Input Pulses Voltages
1.8V devices
0
VDD
V
3V devices
0.4
2.4
V
Input and Output Timing Ref. Voltages
VDD/2
V
Output Circuit Resistor Rref
8.35
k
Ω
Input Rise and Fall Times
5
ns
Table 21.
Capacitance(1)
1.
TA = 25°C, f = 1 MHz. CIN and CI/O are not 100% tested
Symbol
Parameter
Test Condition
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0V
10
pF
CI/O
Input/Output
Capacitance(2)
2.
Input/output capacitances double in stacked devices
VIL = 0V
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com