Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND02G-B2C Datasheet(PDF) 8 Page - STMicroelectronics

Part # NAND02G-B2C
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B2C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button NAND02G-B2C Datasheet HTML 4Page - STMicroelectronics NAND02G-B2C Datasheet HTML 5Page - STMicroelectronics NAND02G-B2C Datasheet HTML 6Page - STMicroelectronics NAND02G-B2C Datasheet HTML 7Page - STMicroelectronics NAND02G-B2C Datasheet HTML 8Page - STMicroelectronics NAND02G-B2C Datasheet HTML 9Page - STMicroelectronics NAND02G-B2C Datasheet HTML 10Page - STMicroelectronics NAND02G-B2C Datasheet HTML 11Page - STMicroelectronics NAND02G-B2C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Description
NAND01G-B2B, NAND02G-B2C
8/62
For information on how to order these options refer to Table 29: Ordering Information
Scheme. Devices are shipped from the factory with Block 0 always valid and the memory
content bits, in valid blocks, erased to ’1’.
See Table 2: Product Description, for all the devices available in the family.
Table 2.
Product Description
Reference
Part Number
Density
Bus
Width
Page
Size
Block
Size
Memory
Array
Operatin
g Voltage
Timings
Package
Random
access
time
(max)
Sequential
access
time
(min)
Page
Program
time
(typ)
Block
Erase
(typ)
NAND01G
-B2B
NAND01GR3B2B
1Gbit
x8
2048+
64
Bytes
128K+
4K
Bytes
64
Pages x
1024
Blocks
1.7 to
1.95V
25µs
50ns
200µs
2ms
VFBGA63
9x11mm
NAND01GW3B2B
2.7 to
3.6V
25µs
30ns
TSOP48
NAND01GR4B2B
x16
1024+
32
Words
64K+
2K
Words
1.7 to
1.95V
25µs
50ns
(1)
NAND01GW4B2B
2.7 to
3.6V
25µs
30ns
(1)
NAND02G
-B2C
NAND02GR3B2C
2Gbit
x8
2048+
64
Bytes
128K+
4K
Bytes
64
Pages x
2048
Blocks
1.7 to
1.95V
25µs
50ns
2ms
VFBGA63
9.5x12mm
NAND02GW3B2C
2.7 to
3.6V
25µs
30ns
TSOP48
NAND02GR4B2C
x16
1024+
32
Words
64K+
2K
Words
1.7 to
1.95V
25µs
50ns
(1)
NAND02GW4B2C
2.7 to
3.6V
25µs
30ns
(1)
1.
x16 organization only available for MCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com