Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
24
Figure 8. Read Data sample window depend on the number of Tap delay
The position of the tdata_valid window is depend on the clock / data flight time on the board. The MDQS
signal indicate if the read data are valid. If the controller is not able to detect a valid MDQS signal on the
sample time (sample position A) then the controller will look for valid MDQS / data on the next edge of
the MEM_CLK signal (sample position B). Depend on the board travel time, different working tap delay
configurations are possible. For a fast connection the data will be sampled with the next edge of
MEM_CLK, this shows Figure 8, sample position A. With a longer connection maybe two sample
positions are possible. Figure 8 shows a example with two working sample position (A and B). With a
bigger board delay only sample position B will be possible.
The equation below shows how to calculate the upper and lower limit. The right Tap delay number is
selected, when the possible max and min sample timing is within the memory data valid window.
•tdata_sample_max = max((1.55 + TapNum * 0.095), (1.74 + TapNum * 0.045))
•tdata_sample_min = min((1.55 + TapNum * 0.095), (1.74 + TapNum * 0.045))
delay [ns]
31
0
1.55
4.59
Possible sample
time over PVT for one
Memory Data valid window
selected Tap delay
Tap delay number
8.34
Working Tap Delay range
for sample position A
Working Tap Delay range
for sample position B
tdata_valid_min
tdata_valid_max
tdata_sample_min
tdata_sample_min
selected Tap delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com