Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
System Design Information
MPC5200 Data Sheet, Rev. 4
Freescale Semiconductor
75
Figure 54. PORRESET vs. JTAG_TRST
5.4.1.2
Connecting JTAG_TRST
The wiring of the JTAG_TRST depends on the existence of a board-related debug interface (see Table 53
below).
Normally this interface is implemented, using a COP (common on-chip processor) connector. The COP
allows a remote computer system (typically, a PC with dedicated hardware and debugging software) to
access and control the internal operations of the MPC5200.
5.4.2
G2_LE COP/BDM Interface
There are two possibilities to connect the JTAG interface: using it with a COP connector and without a
COP connector.
5.4.2.1
Boards interfacing the JTAG port via a COP connector
The MPC5200 functional pin interface and internal logic provides access to the embedded G2_LE
processor core through the Freescale (formerly Motorola) standard COP/BDM interface. Table 53 gives
the COP/BDM interface signals. The pin order shown reflects only the COP/BDM connector order.
Table 53. COP/BDM Interface Signals
BDM
Pin #
MPC5200
I/O Pin
BDM
Connector
Internal
PullUp/Down
External
PullUp/Down
I/O1
16
—
GND
—
—
—
15
TEST_SEL_0
ckstp_out
—
—
I
14
—
KEY
—
—
—
13
HRESET
hreset
10k Pull-Up
O
12
—
GND
—
—
—
11
SRESET
sreset
10k Pull-Up
O
10
—
N/C
—
—
—
9
JTAG_TMS
tms
100k Pull-Up
10k Pull-Up
O
JTAG_TRST
PORRESET
required assertion of JTAG_TRST
optional assertion of JTAG_TRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com