Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
Electrical and Thermal Characteristics
MPC5200 Data Sheet, Rev. 4
Freescale Semiconductor
17
For additional information, see the MPC5200 User Manual [1].
NOTE
Make sure that the PORRESET does not carry any glitches. The MPC5200
has no filter to prevent them from getting into the chip.
NOTE
HRESET and SRESET must have a monotonous rise time.
3.3.3.1
Reset Configuration Word
During reset (HRESET and PORRESET) the Reset Configuration Word is cached in the related Reset
Configuration Word Register with each rising edge of the SYS_XTAL signal. If both resets (HRESET and
PORRESET) are inactive (high), the contents of this register get locked after two further SYS_XTAL
cycles (see Figure 3).
Figure 3. Reset Configuration Word Locking
Table 15. Reset Rise / Fall Timing
Description
Min
Max
Unit
SpecID
PORRESET fall time
—
1
ms
A3.4
PORRESET rise time
—
1
ms
A3.5
HRESET fall time
—
1
ms
A3.6
HRESET rise time
—
1
ms
A3.7
SRESET fall time
—
1
ms
A3.8
SRESET rise time
—
1
ms
A3.9
sample
sample
sample
sample
sample
sample
sample
sample
sample
sample
sample
sample
LOCK
RST_CFG_WRD
HRESET
PORRESET
SYS_XTAL
4096 clocks
2 clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com