Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
16
3.3.3
Resets
The MPC5200 has three reset pins:
•PORRESET - Power on Reset
•HRESET - Hard Reset
•SRESET - Software Reset
These signals are asynchronous I/O signals and can be asserted at any time. The input side uses a Schmitt
trigger and requires the same input characteristics as other MPC5200 inputs, as specified in the DC
Electrical Specifications section. Table 14 specifies the pulse widths of the Reset inputs.
Notes:
1. For PORRESET the value of the minimum pulse width reflects the power on sequence. If PORRESET is asserted afterwards
its minimum pulse width equals the minimum given for HRESET related to the same reference clock.
2. The tVDD_stable describes the time which is needed to get all power supplies stable.
3. For tlock, refer to the Oscillator/PLL section of this specification for further details.
4. For tup_osc, refer to the Oscillator/PLL section of this specification for further details.
5. Following the deassertion of PORRESET, HRESET and SRESET remain low for 4096 reference clock cycles.
6. The deassertion of HRESET for at least the minimum pulse width forces the internal resets to be active for an additional 4096
clock cycles.
NOTE
As long as VDD is not stable the HRESET output is not stable.
Table 13. SYS_XTAL_IN Timing
Sym
Description
Min
Max
Units
SpecID
tCYCLE
SYS_XTAL_IN cycle time.1
NOTES:
1
CAUTION—The SYS_XTAL_IN frequency and system PLL_CFG[0-6] settings must be chosen such that the
resulting system frequencies do not exceed their respective maximum or minimum operating frequencies. See the
MPC5200 User Manual [1].
28.6
64.1
ns
A2.1
tRISE
SYS_XTAL_IN rise time.
—
5.0
ns
A2.2
tFALL
SYS_XTAL_IN fall time.
—
5.0
ns
A2.3
tDUTY
SYS_XTAL_IN duty cycle (measured at VM).
2
2
SYS_XTAL_IN duty cycle is measured at VM.
40.0
60.0
%
A2.4
CVIH
SYS_XTAL_IN input voltage high
2.0
—
V
A2.5
CVIL
SYS_XTAL_IN input voltage low
—
0.8
V
A2.6
Table 14. Reset Pulse Width
Name
Description
Min Pulse Width
Max Pulse
Width
Reference Clock
SpecID
PORRESET
Power On Reset
tVDD_stable+tup_osc+tlock
—
SYS_XTAL_IN
A3.1
HRESET
Hardware Reset
4 clock cycles
—
SYS_XTAL_IN
A3.2
SRESET
Software Reset
4 clock cycles
—
SYS_XTAL_IN
A3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com