Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
Electrical and Thermal Characteristics
MPC5200 Data Sheet, Rev. 4
Freescale Semiconductor
33
Figure 14. Timing Diagram—MUXed Mode
3.3.8
ATA
The MPC5200 ATA Controller is completely software programmable. It can be programmed to operate
with ATA protocols using their respective timing, as described in the ANSI ATA-4 specification. The ATA
interface is completely asynchronous in nature. Signal relationships are based on specific fixed timing in
terms of timing units (nano seconds).
ATA data setup and hold times, with respect to Read/Write strobes, are software programmable inside the
ATA Controller. Data setup and hold times are implemented using counters. The counters count the
number of ATA clock cycles needed to meet the ANSI ATA-4 timing specifications. For details, see the
ANSI ATA-4 specification [5] and how to program an ATA Controller and ATA drive for different ATA
protocols and their respective timing. See the MPC5200 User Manual [1].
PCI CLK
AD[24:0] (wr)
CSx
RW
ALE
AD[30:28] (wr)
AD[26:25] (wr)
AD[31,27] (wr)
Address[7:31]
Bank[0:1] bits
TSIZ[0:2] bits
ACK
Data
Data tenure
Address tenure
TS
Data
Data
Data
AD[31:0] (rd)
Data
t4
t13
t5
t1
Address latch
t7
t6
t11
t9
t12
t10
t8
t2
t3
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com