Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
Electrical and Thermal Characteristics
MPC5200 Data Sheet, Rev. 4
Freescale Semiconductor
37
(t)LI
015001500150
Limited Interlock time.1,2
A8.34
(t)MLI
20
—
20
—
20
—
Interlock time with minimum.1,2
A8.35
(t)UI
0
—
0
—
0
—
Unlimited interlock time. 1,2
A8.36
(t)AZ
—
10
—
10
—
10
Maximum time allowed for output drivers to release
from being asserted or negated
A8.37
(t)ZAH
20
—
20
—
20
—
Minimum delay time required for output drivers to
assert or negate from released state
A8.38
(t)ZAD
0—0—0—
A8.39
(t)ENV
20
70
20
70
20
70
Envelope time—from DMACK to STOP and
HDMARDY during data out burst initiation.
A8.40
(t)SR
—
50
—
30
—
20
STROBE to DMARDY time, if DMARDY is negated
before this long after STROBE edge, the recipient
receives no more than one additional data word.
A8.41
(t)RFS
—
75
—
60
—
50
Ready-to-Final STROBE time—no STROBE edges
are sent this long after negation of DMARDY.
A8.42
(t)RP
160
—
125
—
100
—
Ready-to-Pause time—the time recipient waits to
initiate pause after negating DMARDY.
A8.43
(t)IORDYZ
—
20
—
20
—
20
Pull-up time before allowing IORDY to be released.
A8.44
(t)ZIORDY
0
—
0
—
0
—
Minimum time drive waits before driving IORDY
A8.45
(t)ACK
20
—
20
—
20
—
Setup and hold times for DMACK, before assertion or
negation.
A8.46
(t)SS
50
—
50
—
50
—
Time from STROBE edge to negation of DMARQ or
assertion of STOP, when sender terminates a burst.
A8.47
NOTES:
1
tUI, tMLI, tLI indicate sender-to-recipient or recipient-to-sender interlocks. That is, one agent (either sender or recipient)
is waiting for the other agent to respond with a signal before proceeding.
•tUI is an unlimited interlock that has no maximum time value.
•tMLI is a limited time-out that has a defined minimum.
•tLI is a limited time-out that has a defined maximum.
2
All timing parameters are measured at the connector of the drive to which the parameter applies. For example, the
sender shall stop generating STROBE edges tRFS after negation of DMARDY. Both STROBE and DMARDY timing
measurements are taken at the connector of the sender. Even though the sender stops generating STROBE edges,
the receiver may receive additional STROBE edges due to propagation delays. All timing measurement switching
points (low to high and high to low) are taken at 1.5 V.
Table 29. Ultra DMA Timing Specification (continued)
Name
MODE 0
(ns)
MODE 1
(ns)
MODE 2
(ns)
Comment
SpecID
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com