Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
32
3.3.7.3
MUXed Mode
Note:
1. ACK can shorten the CS pulse width.
Wait States (WS) can be programmed in the Chip Select X Register, Bit field WaitP and WaitX. It can be specified 0 - 65535.
2. ACK is input and can be used to shorten the CS pulse width.
Table 26. MUXed Mode Timing
Sym
Description
Min
Max
Units
Notes
SpecID
tCSA
PCI CLK to CS assertion
-
1.8
ns
A7.15
tCSN
PCI CLK to CS negation
-
1.8
ns
A7.16
tALEA
PCI CLK to ALE assertion
-
1
ns
A7.16
t1
ALE assertion before Address, Bank,
TSIZ assertion
-
0.8
ns
A7.17
t2
CS assertion before Address, Bank,
TSIZ negation
-
0.7
ns
A7.18
t3
CS assertion before Data wr valid
-
0.7
ns
A7.19
t4
Data wr hold after CS negation
tIPBIck
-
ns
A7.20
t5
Data rd setup before CS negation
2.8
-
ns
A7.21
t6
Data rd hold after CS negation
0
(DC+1)*tPCIck
ns
1
A7.22
t7
ALE pulse width
-
tPCIck
ns
A7.23
tTSA
CS assertion after TS assertion
-
0.8
ns
A7.24
t8
TS pulse width
-
tPCIck
ns
A7.24
t9
CS pulse width
(2+WS)*tPCIck
(2+WS)*tPCIck
ns
A7.25
tOEA
OE assertion before CS assertion
-
0.4
ns
A7.26
tOEN
OE negation before CS negation
-
0.4
ns
A7.27
t10
RW assertion before ALE assertion
tIPBIck
-
ns
A7.26
t11
RW negation after CS negation
-
tPCIck
ns
A7.27
t12
ACK assertion after CS assertion
tIPBIck
-ns
2
A7.28
t13
ACK negation after CS negation
-
tPCIck
ns
2
A7.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com