Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
28
3.3.7
Local Plus Bus
The Local Plus Bus is the external bus interface of the MPC5200. Maximum eight configurable
Chip-selects are provided. There are two main modes of operation: non-MUXed (Legacy and Burst) and
MUXED. The reference clock is the PCI CLK. The maximum bus frequency is 66 MHz.
Definition of Acronyms and Terms:
WS = Wait State
DC = Dead Cycle
LB = Long Burst
DS = Data size in Byte
tPCIck = PCI clock period
tIPBIck = IPBI clock period
Figure 11. Timing Diagram—IPBI and PCI clock (example ratio: 4:1)
3.3.7.1
Non-MUXed Mode
Table 24. Non-MUXed Mode Timing
Sym
Description
Min
Max
Units
Notes
SpecID
tCSA
PCI CLK to CS assertion
-
1.8
ns
A7.1
tCSN
PCI CLK to CS negation
-
1.8
ns
A7.2
t1
CS pulse width
(2+WS)*tPCIck
(2+WS)*tPCIck
ns
1
A7.3
t2
ADDR valid before CS assertion
tIPBIck
tPCIck
ns
A7.4
t3
ADDR hold after CS negation
tIPBIck
-ns
2
A7.5
t4
OE assertion before CS assertion
-
0.4
ns
A7.6
t5
OE negation before CS negation
-
0.4
ns
A7.7
t6
RW valid before CS assertion
tPCIck
-ns
A7.8
t7
RW hold after CS negation
tIPBIck
-ns
A7.9
t8
DATA output valid before CS assertion
tIPBIck
-
ns
A7.10
t9
DATA output hold after CS negation
tIPBIck
-
ns
A7.11
t10
DATA input setup before CS negation
2.8
-
ns
A7.12
t11
DATA input hold after CS negation
0
(DC+1)*tPCIck
ns
A7.13
t12
ACK assertion after CS assertion
tPCIck
-ns
3
A7.14
t13
ACK negation after CS negation
-
tPCIck
ns
3
A7.15
PCI CLK
IPBI CLK
tIPBIck
tPCIck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com