Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
6
3
Electrical and Thermal Characteristics
3.1
DC Electrical Characteristics
3.1.1
Absolute Maximum Ratings
The tables in this section describe the MPC5200 DC Electrical characteristics. Table 1 gives the absolute
maximum ratings.
3.1.2
Recommended Operating Conditions
Table 2 gives the recommended operating conditions.
Table 1. Absolute Maximum Ratings1
NOTES:
1
Absolute maximum ratings are stress ratings only, and functional operation at the maximums is not guaranteed.
Stresses beyond those listed may affect device reliability or cause permanent damage.
Characteristic
Symbol
Min
Max
Unit
SpecID
Supply voltage - G2_LE core and peripheral logic
VDD_CORE
–0.3
1.8
V
D1.1
Supply voltage - I/O buffers
VDD_IO,
VDD_MEM_IO
–0.3
3.6
V
D1.2
Supply voltage - System APLL
SYS_PLL_AVDD
–0.3
2.1
V
D1.3
Supply voltage - G2_LE APLL
CORE_PLL_AVDD
–0.3
2.1
V
D1.4
Input voltage (VDD_IO)
Vin
–0.3
VDD_IO + 0.3
V
D1.5
Input voltage (VDD_MEM_IO)
Vin
–0.3
VDD_MEM_IO
+ 0.3
V
D1.6
Input voltage overshoot
Vinos
–
1.0
V
D1.7
Input voltage undershoot
Vinus
–
1.0
V
D1.8
Storage temperature range
Tstg
–55
150
oC
D1.9
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min1
Max(1)
Unit
SpecID
Supply voltage - G2_LE core and peripheral
logic
VDD_CORE
1.42
1.58
V
D2.1
Supply voltage - standard I/O buffers
VDD_IO
3.0
3.6
V
D2.2
Supply voltage - memory I/O buffers (SDR)
VDD_MEM_IOSDR
3.0
3.6
V
D2.3
Supply voltage - memory I/O buffers (DDR)
VDD_MEM_IODDR
2.42
2.63
V
D2.4
Supply voltage - System APLL
SYS_PLL_AVDD
1.42
1.58
V
D2.5
Supply voltage - G2_LE APLL
CORE_PLL_AVDD
1.42
1.58
V
D2.6
Input voltage - standard I/O buffers
Vin
0
VDD_IO
V
D2.7
Input voltage - memory I/O buffers (SDR)
VinSDR
0
VDD_MEM_IOSDR
VD2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com