Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
System Design Information
Freescale Semiconductor
72
Figure 52. Supply Voltage Sequencing
The relationship between VDD_IO_MEM and VDD_IO is non-critical during power-up and power-down
sequences. Both VDD_IO_MEM (2.5 V or 3.3 V) and VDD_IO are specified relative to VDD_CORE.
5.1.1
Power Up Sequence
If VDD_IO/VDD_IO_MEM are powered up with the VDD_CORE at 0V, the sense circuits in the I/O pads
will cause all pad output drivers connected to the VDD_IO/VDD_IO_MEM to be in a high-impedance
state. There is no limit to how long after VDD_IO/VDD_IO_MEM powers up before VDD_CORE must
power up. VDD_CORE should not lead the VDD_IO, VDD_IO_MEM or PLL_AVDD by more than 0.4
V during power ramp up or there will be high current in the internal ESD protection diodes. The rise times
on the power supplies should be slower than 1 microsecond to avoid turning on the internal ESD protection
clamp diodes.
The recommended power up sequence is as follows:
Use one microsecond or slower rise time for all supplies.
1.5V
2.5V
3.3V
0
VDD_IO,
VDD_IO_MEM (SDR)
VDD_IO_MEM (DDR)
VDD_CORE,
PLL_AVDD
Note:
1. VDD_CORE should not exceed VDD_IO, VDD_IO_MEM or PLL_AVDD by more than
0.4 V at any time, including power-up.
2. It is recommended that VDD_CORE/PLL_AVDD should track VDD_IO/VDD_IO_MEM
up to 0.9 V then separate for completion of ramps.
3. Input voltage must not be greater than the supply voltage (VDD_IO, VDD_IO_MEM,
VDD_CORE, or PLL_AVDD) by more than 0.5 V at any time, including during power-up.
4. Use 1 microsecond or slower rise time for all supplies.
1
2
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com