Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 79 / 80 page
background image
Ordering Information
MPC5200 Data Sheet, Rev. 4
Freescale Semiconductor
79
6
Ordering Information
7
Document Revision History
Table 55 provides a revision history for this hardware specification.
For more detailed information, refer to the following documentation:
[1] MPC5200 User Manual MPC5200UM
[2] PowerPC Microprocessor Family: The Programming Environments for 32-bit Microprocessors,
Rev. 2: MPCFPE32B/AD
[3] G2 Core Reference Manual, Rev. 0: G2CORERM/D
[4] PCI Local Bus Specification, Revision 2.2, December 18, 1998
[5] ANSI ATA-4 Specification
[6] IEEE 802.3 Specification (ETHERNET)
Table 54. Ordering Information
Part Number
Speed
Ambient Temp
Qualification
MPC5200BV400
400
0C to 70C
Commercial
MPC5200CBV266
266
-40C to 85C
Industrial
MPC5200CBV400
400
-40C to 85C
Industrial
SPC5200CBV400
400
-40C to 85C
Automotive - AEC
Table 55. Document Revision History
Rev. No.
Substantive Change(s)
0.1
First Preliminary release with some TBD’s in spec tables (6/2003)
0.2
Added AC specs for missing modules, power-on sequence, misc other updates (7/2003)
0.2.1
Corrected maximum core operating frequency (7/2003)
0.3
Added Memory Interface Timing values, misc other updates (8/2003)
1.0
Added Information about JTAG_TRST (11/2003)
2.0
Added Power Numbers (Section 3.1.5), updated Oscillator and PLL Characteristics (Section 3.2), updated
SDRAM AC Characteristics (Section 3.3.5)
3.0
Change to Freescale brand and format (8/2004)
4.0
Updates to LPC timing, DDR SDRAM timing, JTAG section, replaced TBD’s (1/2005)
Rev 4 has been regenerated with the new Freescale appearance guidelines, the title was changed and
the reference to www.mobilegt.com in the first paragraph (Note) was changed to www. freescale.com
(3/2006).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com