Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
46
Figure 31. Ethernet Timing Diagram—MII Serial Management
3.3.10 USB
Table 34. MII Serial Management Channel Signal Timing
Sym
Description
Min
Max
Unit
SpecID
M9
MDC falling edge to MDIO output delay
0
25
ns
A9.9
M10
MDIO (input) to MDC rising edge setup
10
—
ns
A9.10
M11
MDIO (input) to MDC rising edge hold
10
—
ns
A9.11
M12
MDC pulse width high1
NOTES:
1
MDC is generated by MPC5200 with a duty cycle of 50% except when MII_SPEED in the FEC MII_SPEED control
register is changed during operation. See the MPC5200 User Manual [1].
160
—
ns
A9.12
M13
MDC pulse width low(1)
160
—
ns
A9.13
M14
MDC period2
2
The MDC period must be set to a value of less then or equal to 2.5 MHz (to be compliant with the IEEE MII
characteristic) by programming the FEC MII_SPEED control register. See the MPC5200 User Manual [1].
400
—
ns
A9.14
Table 35. Timing Specifications—USB Output Line
Sym
Description
Min
Max
Units
SpecID
1
USB Bit width1
NOTES:
1
Defined in the USB config register, (12 Mbit/s or 1.5 Mbit/s mode).
83.3
667
ns
A10.1
2
Transceiver enable time
83.3
667
ns
A10.2
3
Signal falling time
—
7.9
ns
A10.3
4
Signal rising time
—
7.9
ns
A10.4
M13
M12
M11
MDC (Output)
MDIO (Input)
MDIO (Output)
M10
M9
M14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com