Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
14
3.2.4
G2_LE Core PLL Electrical Characteristics
The internal clocking of the G2_LE core is generated from and synchronized to the system clock by means
of a voltage-controlled core PLL.
3.3
AC Electrical Characteristics
Hyperlinks to the indicated timing specification sections are provided below.
AC Test Timing Conditions:
Unless otherwise noted, all test conditions are as follows:
Table 11. G2_LE PLL Specifications
Characteristic
Symbol
Notes
Min
Typical
Max
Unit
SpecID
G2_LE frequency
fcore
1
NOTES:
1
The XLB_CLK frequency and G2_LE PLL Configuration bits must be chosen such that the resulting system
frequencies, CPU (core) frequency, and G2_LE PLL (VCO) frequency do not exceed their respective maximum or
minimum operating frequencies.
50
—
550
MHz
O4.1
G2_LE cycle time
tcore
(1)
2.85
—
40.0
ns
O4.2
G2_LE VCO frequency
fVCOcore
(1)
400
—
1200
MHz
O4.3
G2_LE input clock frequency
fXLB_CLK
25
—
367
MHz
O4.4
G2_LE input clock cycle time
tXLB_CLK
2.73
—
50.0
ns
O4.5
G2_LE input clock jitter
tjitter
2
2
This represents total input jitter - short term and long term combined - and is guaranteed by design. Two different
types of jitter can exist on the input to core_sysclk, systemic and true random jitter. True random jitter is rejected, but
the PLL. Systemic jitter will be passed into and through the PLL to the internal clock circuitry, directly reducing the
operating frequency.
—
—
150
ps
O4.6
G2_LE PLL relock time
tlock
3
3
Relock time is guaranteed by design and characterization. PLL-relock time is the maximum amount of time required
for the PLL lock after a stable Vdd and core_sysclk are reached during the power-on reset sequence. This
specification also applies when the PLL has been disabled and subsequently re-enabled during sleep modes.
—
—
100
µsO4.7
•
AC Operating Frequency Data
•
USB
•
Clock AC Specifications
•
SPI
•Resets
•MSCAN
•
External Interrupts
•
I2C
•
SDRAM
•
J1850
•PCI
•PSC
•
Local Plus Bus
•
GPIOs and Timers
•
ATA
•
IEEE 1149.1 (JTAG) AC Specifications
•
Ethernet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com