Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
44
3.3.9
Ethernet
AC Test Timing Conditions:
•
Output Loading
All Outputs: 25 pF
Figure 28. Ethernet Timing Diagram—MII Rx Signal
Table 31. MII Rx Signal Timing
Sym
Description
Min
Max
Unit
SpecID
M1
RXD[3:0], RX_DV, RX_ER to RX_CLK setup
10
—
ns
A9.1
M2
RX_CLK to RXD[3:0], RX_DV, RX_ER hold
10
—
ns
A9.2
M3
RX_CLK pulse width high
35%
65%
RX_CLK Period1
NOTES:
1
RX_CLK shall have a frequency of 25% of data rate of the received signal. See the IEEE 802.3 Specification [6].
A9.3
M4
RX_CLK pulse width low
35%
65%
RX_CLK Period1
A9.4
M4
M3
M1
M2
RX_CLK (Input)
RXD[3:0] (inputs)
RX_DV
RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com