Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
12
Historically, the thermal resistance has frequently been expressed as the sum of a junction to case thermal
resistance and a case to ambient thermal resistance:
RθJA =RθJC+RθCA
Eqn. 2
where:
RθJA = junction to ambient thermal resistance (°C/W)
RθJC = junction to case thermal resistance (°C/W)
RθCA = case to ambient thermal resistance (°C/W)
RθJC is device related and cannot be influenced by the user. The user controls the thermal environment to
change the case to ambient thermal resistance, RθCA. For instance, the user can change the air flow around
the device, add a heat sink, change the mounting arrangement on printed circuit board, or change the
thermal dissipation on the printed circuit board surrounding the device. This description is most useful for
ceramic packages with heat sinks where some 90% of the heat flow is through the case to the heat sink to
ambient. For most packages, a better model is required.
A more accurate thermal model can be constructed from the junction to board thermal resistance and the
junction to case thermal resistance1-3. The junction to case covers the situation where a heat sink will be
used or where a substantial amount of heat is dissipated from the top of the package. The junction to board
thermal resistance describes the thermal performance when most of the heat is conducted to the printed
circuit board. This model can be used for either hand estimations or for a computational fluid dynamics
(CFD) thermal model.
To determine the junction temperature of the device in the application after prototypes are available, the
Thermal Characterization Parameter (
ΨJT) can be used to determine the junction temperature with a
measurement of the temperature at the top center of the package case using the following equation:
TJ =TT+(ΨJT × PD)
Eqn. 3
where:
TT = thermocouple temperature on top of package (°C)
Ψ
JT = thermal characterization parameter ( ° C / W )
PD = power dissipation in package (W)
The thermal characterization parameter is measured per JESD51-2 specification using a 40-gauge type T
thermocouple epoxied to the top center of the package case. The thermocouple should be positioned, so
that the thermocouple junction rests on the package. A small amount of epoxy is placed over the
thermocouple junction and over approximately one mm of wire extending from the junction. The
thermocouple wire is placed flat against the package case to avoid measurement errors caused by cooling
effects of the thermocouple wire.
3.2
Oscillator and PLL Electrical Characteristics
The MPC5200 System requires a system-level clock input SYS_XTAL. This clock input may be driven
directly from an external oscillator or with a crystal using the internal oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com