Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
External Clock Operation
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-5
3.7
External Clock Operation
The DSP56367 system clock is an externally supplied square wave voltage source connected to
EXTAL(Figure 3-1).
Figure 3-1 External Clock Timing
Internal clock cycle time with PLL disabled
TC
—2
× ETC
—
Instruction cycle time
ICYC
—TC
—
1 DF = Division Factor
Ef = External frequency
ETC = External clock cycle
MF = Multiplication Factor
PDF = Predivision Factor
TC = internal clock cycle
2 Refer to the DSP56300 Family Manual for a detailed discussion of the PLL.
Table 3-5 Clock Operation
No.
Characteristics
Symbol
Min
Max
1
Frequency of EXTAL (EXTAL Pin Frequency)
The rise and fall time of this external clock should be 2 ns maximum.
Ef
2.0 ns
150.0
2
EXTAL input high1, 2
• With PLL disabled (46.7%–53.3% duty cycle3)
• With PLL enabled (42.5%–57.5% duty cycle3)
ETH
3.11 ns
2.83 ns
∞
157.0
µs
3
EXTAL input low1, 2
• With PLL disabled (46.7%–53.3% duty cycle3)
• With PLL enabled (42.5%–57.5% duty cycle3)
ETL
3.11 ns
2.83 ns
∞
157.0
µs
Table 3-4 Internal Clocks (continued)
Characteristics
Symbol
Expression1, 2
Min
Typ
Max
EXTAL
VILC
VIHC
Midpoint
Note: The midpoint is 0.5 (VIHC + VILC).
ETH
ETL
ETC
3
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com