Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
Enhanced Serial Audio Interface Timing
DSP56367 Technical Data, Rev. 2.1
3-46
Freescale Semiconductor
437
RXC rising edge to FSR out (wl) high
—
—
—
—
36.0
21.0
x ck
i ck a
ns
438
RXC rising edge to FSR out (wl) low
—
—
—
—
37.0
22.0
x ck
i ck a
ns
439
Data in setup time before RXC (SCK in synchronous
mode) falling edge
——
0.0
19.0
—
—
x ck
i ck
ns
440
Data in hold time after RXC falling edge
—
—
5.0
3.0
—
—
x ck
i ck
ns
441
FSR input (bl, wr) high before RXC falling edge8
——
23.0
1.0
—
—
x ck
i ck a
ns
442
FSR input (wl) high before RXC falling edge
—
—
23.0
1.0
—
—
x ck
i ck a
ns
443
FSR input hold time after RXC falling edge
—
—
3.0
0.0
—
—
x ck
i ck a
ns
444
Flags input setup before RXC falling edge
—
—
0.0
19.0
—
—
x ck
i ck s
ns
445
Flags input hold time after RXC falling edge
—
—
6.0
0.0
—
—
x ck
i ck s
ns
446
TXC rising edge to FST out (bl) high
—
—
—
—
29.0
15.0
x ck
i ck
ns
447
TXC rising edge to FST out (bl) low
—
—
—
—
31.0
17.0
x ck
i ck
ns
448
TXC rising edge to FST out (wr) high8
——
—
—
31.0
17.0
x ck
i ck
ns
449
TXC rising edge to FST out (wr) low8
——
—
—
33.0
19.0
x ck
i ck
ns
450
TXC rising edge to FST out (wl) high
—
—
—
—
30.0
16.0
x ck
i ck
ns
451
TXC rising edge to FST out (wl) low
—
—
—
—
31.0
17.0
x ck
i ck
ns
452
TXC rising edge to data out enable from high
impedance
——
—
—
31.0
17.0
x ck
i ck
ns
453
TXC rising edge to transmitter #0 drive enable
assertion
——
—
—
34.0
20.0
x ck
i ck
ns
Table 3-19 Enhanced Serial Audio Interface Timing1, 2 (continued)
No.
Characteristics3, 4, 5
Symbol
Expression
Min
Max
Condition6
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com