Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
External Memory Expansion Port (Port A)
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-17
153
RD assertion to data valid
tGA
2.5
× TC − 7.0
—
18.0
ns
154
RD deassertion to data not valid6
tGZ
0.0
—
ns
155
WR assertion to data active
0.75
× TC − 0.3
7.2
—
ns
156
WR deassertion to data high impedance
0.25
× TC
—2.5
ns
1 The number of wait states for Page mode access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 The asynchronous delays specified in the expressions are valid for DSP56367.
4 All the timings are calculated for the worst case. Some of the timings are better for specific cases (e.g., t
PC equals 4 × TC for
read-after-read or write-after-write sequences).
5 BRW[1:0] (DRAM control register bits) defines the number of wait states that should be inserted in each DRAM out-of
page-access.
6 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
Table 3-10
DRAM Page Mode Timings, Four Wait States1, 2, 3
No.
Characteristics
Symbol
Expression4
100 MHz
Unit
Min
Max
131
Page mode cycle time for two consecutive accesses of the
same direction
Page mode cycle time for mixed (read and write) accesses
tPC
5
× TC
4.5
× TC
50.0
45.0
—
—
ns
132
CAS assertion to data valid (read)
tCAC
2.75
× TC − 5.7
—
21.8
ns
133
Column address valid to data valid (read)
tAA
3.75
× TC − 5.7
—
31.8
ns
134
CAS deassertion to data not valid (read hold time)
tOFF
0.0
—
ns
135
Last CAS assertion to RAS deassertion
tRSH
3.5
× TC − 4.0
31.0
—
ns
136
Previous CAS deassertion to RAS deassertion
tRHCP
6
× TC − 4.0
56.0
—
ns
137
CAS assertion pulse width
tCAS
2.5
× TC − 4.0
21.0
—
ns
138
Last CAS deassertion to RAS assertion5
• BRW[1–0] = 00, 01—Not applicable
• BRW[1–0] = 10
• BRW[1–0] = 11
tCRP
—
5.25
× TC − 6.0
7.25
× TC − 6.0
—
46.5
66.5
—
—
—
—
ns
ns
139
CAS deassertion pulse width
tCP
2
× TC − 4.0
16.0
—
ns
140
Column address valid to CAS assertion
tASC
TC − 4.0
6.0
—
ns
Table 3-9
DRAM Page Mode Timings, Three Wait States1, 2, 3 (continued)
No.
Characteristics
Symbol
Expression4
100 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com