Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
Serial Host Interface SPI Protocol Timing
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-39
Figure 3-27 SPI Master Timing (CPHA = 0)
160
SS deassertion pulse width (CPHA = 0)
Slave
—
TC + 6
12.7
—
ns
161
HREQ in assertion to first SCK edge
Master
Bypassed
Narrow
Wide
0.5
× tSPICC + 2.5 × TC + 43
0.5
× tSPICC + 2.5 × TC + 43
0.5
× tSPICC + 2.5 × TC + 43
97.8
160.8
196.8
—
—
—
ns
162
HREQ in deassertion to last SCK
sampling edge (HREQ in set-up time)
(CPHA = 1)
Master
—
0
0
—
ns
163
First SCK edge to HREQ in not asserted
(HREQ in hold time)
Master
—
0
0
—
ns
1 V
CC = 1.8 V ± 5%; TJ = –40°C to +95°C, CL = 50 pF
2 The timing values calculated are based on simulation data at 150MHz. Tester restrictions limit SHI testing to lower clock
frequencies.
3 Periodically sampled, not 100% tested
Table 3-16 Serial Host Interface SPI Protocol Timing (continued)
No.
Characteristics1
Mode
Filter
Mode
Expression2
Min
Max
Unit
SS
(Input)
SCK (CPOL = 0)
(Output)
SCK (CPOL = 1)
(Output)
MISO
(Input)
Valid
MOSI
(Output)
MSB
Valid
LSB
MSB
LSB
HREQ
(Input)
141
142
143
144
144
141
144
144
143
142
148
149
149
148
152
153
163
161
AA0271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com