Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
Serial Host Interface (SHI) I2C Protocol Timing
DSP56367 Technical Data, Rev. 2.1
3-42
Freescale Semiconductor
Figure 3-30 SPI Slave Timing (CPHA = 1)
3.13
Serial Host Interface (SHI) I2C Protocol Timing
Table 3-17 SHI I2C Protocol Timing
Standard I2C
No.
Characteristics1, 2, 3
Symbol/
Expression
Standard4, 5
Fast-Mode5, 6
Unit
Min
Max
Min
Max
Tolerable spike width on SCL or SDA
• Filters bypassed
• Narrow filters enabled
• Wide filters enabled
—
—
—
—
0
50
100
—
—
—
0
50
100
ns
171 SCL clock frequency
FSCL
—
100
—
400
kHz
171 SCL clock cycle
TSCL
10
—
2.5
—
µs
172 Bus free time
TBUF
4.7
—
1.3
—
µs
173 Start condition set-up time
TSU;STA
4.7
—
0.6
—
µs
174 Start condition hold time
THD;STA
4.0
—
0.6
—
µs
SS
(Input)
SCK (CPOL = 0)
(Input)
SCK (CPOL = 1)
(Input)
MISO
(Output)
MOSI
(Input)
MSB
LSB
MSB
LSB
HREQ
(Output)
141
142
143
144
144
144
144
143
142
150
152
148
149
158
153
151
Valid
Valid
148
147
146
152
149
157
AA0274



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com