Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
Parallel Host Interface (HDI08) Timing
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-33
Figure 3-20 Host Interrupt Vector Register (IVR) Read Timing Diagram
Figure 3-21 Read Timing Diagram, Non-Multiplexed Bus
9 The data strobe is host read (HRD) or host write (HWR) in the dual data strobe mode and host data strobe (HDS) in the single
data strobe mode.
10 The host request is HOREQ in the single host request mode and HRRQ and HTRQ in the double host request mode.
11 In this calculation, the host request signal is pulled up by a 4.7 kΩ resistor in the open-drain mode.
HACK
HD7–HD0
HOREQ
329
317
318
328
326
327
AA1105
HRD, HDS
HA0–HA2
HCS
HD0–HD7
HOREQ,
327
332
319
318
317
330
329
337
336
328
326
338
341
340
333
AA0484
HRRQ,
HTRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com