Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
Parallel Host Interface (HDI08) Timing
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-31
3.11
Parallel Host Interface (HDI08) Timing
Table 3-15
Host Interface (HDI08) Timing1, 2, 3
No.
Characteristics
Expression
150 MHz
Unit
Min
Max
317
Read data strobe assertion width4
HACK read assertion width
TC + 9.9
16.7
—
ns
318
Read data strobe deassertion width4
HACK read deassertion width
—9.9
—
ns
319
Read data strobe deassertion width4 after “Last Data Register” reads5
, 6, or
between two consecutive CVR, ICR, or ISR reads7
HACK deassertion width after “Last Data Register” reads5, 6
2.5
× TC + 6.6
23.3
—
ns
320
Write data strobe assertion width8
HACK write assertion width
—
13.2
—
ns
321
Write data strobe deassertion width8
HACK write deassertion width
• after ICR, CVR and “Last Data Register” writes5
• after IVR writes, or
• after TXH:TXM writes (with HBE=0), or
• after TXL:TXM writes (with HBE=1)
2.5
× TC + 6.6
23.3
16.5
—
—
ns
322
HAS assertion width
—
9.9
—
ns
323
HAS deassertion to data strobe assertion9
—0.0
—
ns
324
Host data input setup time before write data strobe deassertion8
Host data input setup time before HACK write deassertion
—9.9
—
ns
325
Host data input hold time after write data strobe deassertion8
Host data input hold time after HACK write deassertion
—3.3
—
ns
326
Read data strobe assertion to output data active from high impedance4
HACK read assertion to output data active from high impedance
—3.3
—
ns
327
Read data strobe assertion to output data valid4
HACK read assertion to output data valid
—
—
24.2
ns
328
Read data strobe deassertion to output data high impedance4
HACK read deassertion to output data high impedance
——
9.9
ns
329
Output data hold time after read data strobe deassertion4
Output data hold time after HACK read deassertion
—3.3
—
ns
330
HCS assertion to read data strobe deassertion4
TC +9.9
16.7
—
ns
331
HCS assertion to write data strobe deassertion8
—9.9
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com