Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
Reset, Stop, Mode Select, and Interrupt Timing
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-7
3.9
Reset, Stop, Mode Select, and Interrupt Timing
Table 3-7 Reset, Stop, Mode Select, and Interrupt Timing1
No.
Characteristics
Expression
Min
Max
Unit
8
Delay from RESET assertion to all pins at reset value2
—
—
26.0
ns
9
Required RESET duration3
• Power on, external clock generator, PLL disabled
• Power on, external clock generator, PLL enabled
• Power on, Internal oscillator
• During STOP, XTAL disabled
• During STOP, XTAL enabled
• During normal operation
50
× ETC
1000
× ETC
75000
× ETC
75000
× ETC
2.5
× TC
2.5
× TC
333.4
6.7
500
500
16.7
16.7
—
—
—
—
—
—
ns
µs
µs
µs
ns
ns
10
Delay from asynchronous RESET deassertion to first
external address output (internal reset deassertion)4
•Minimum
•Maximum
3.25
× TC + 2.0
20.25
× TC + 10
23.7
—
—
145.0
ns
11
Syn reset setup time from RESET
•Maximum
TC
—6.7
ns
12
Syn reset deassert delay time
•Minimum
•Maximum
3.25
× TC + 1.0
20.25
× TC + 5.0
22.7
—
—
140.0
ns
13
Mode select setup time
30.0
—
ns
14
Mode select hold time
0.0
—
ns
15
Minimum edge-triggered interrupt request assertion width
4.4
—
ns
16
Minimum edge-triggered interrupt request deassertion width
4.4
—
ns
17
Delay from IRQA, IRQB, IRQC, IRQD, NMI assertion to
external memory access address out valid
• Caused by first interrupt instruction fetch
• Caused by first interrupt instruction execution
4.25
× TC + 2.0
7.25
× TC + 2.0
30.3
50.3
—
—
ns
18
Delay from IRQA, IRQB, IRQC, IRQD, NMI assertion to
general-purpose transfer output valid caused by first interrupt
instruction execution
10
× TC + 5.0
71.7
—
ns
19
Delay from address output valid caused by first interrupt
instruction execute to interrupt request deassertion for level
sensitive fast interrupts5, 6, 7
(WS + 3.75)
× TC – 10.94
—
Note 8
ns
20
Delay from RD assertion to interrupt request deassertion for
level sensitive fast interrupts5, 6, 7
(WS + 3.25)
× TC – 10.94
—
Note 8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com