Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
Digital Audio Transmitter Timing
DSP56367 Technical Data, Rev. 2.1
3-50
Freescale Semiconductor
Figure 3-35 ESAI HCKR Timing
3.15
Digital Audio Transmitter Timing
Figure 3-36 Digital Audio Transmitter Timing
Table 3-20 Digital Audio Transmitter Timing
No.
Characteristic
Expression
150 MHz
Unit
Min
Max
ACI frequency1
1 In order to assure proper operation of the DAX, the ACI frequency should be less than 1/2 of the DSP56367 internal
clock frequency. For example, if the DSP56367 is running at 150 MHz internally, the ACI frequency should be less
than 75 MHz.
1 / (2 x TC)—
75
MHz
220
ACI period
2
× TC
13.4
—
ns
221
ACI high duration
0.5
× TC
3.4
—
ns
222
ACI low duration
0.5
× TC
3.4
—
ns
223
ACI rising edge to ADO valid
1.5
× TC
—10.0
ns
HCKR
SCKR (output)
465
463
ACI
ADO
220
223
AA1280
221
222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com