Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
Parallel Host Interface (HDI08) Timing
DSP56367 Technical Data, Rev. 2.1
3-32
Freescale Semiconductor
332
HCS assertion to output data valid
—
—
19.1
ns
333
HCS hold time after data strobe deassertion9
—0.0
—
ns
334
Address (AD7–AD0) setup time before HAS deassertion (HMUX=1)
—
4.7
—
ns
335
Address (AD7–AD0) hold time after HAS deassertion (HMUX=1)
—
3.3
—
ns
336
A10–A8 (HMUX=1), A2–A0 (HMUX=0), HR/W setup time before data
strobe assertion9
•Read
• Write
—0
4.7
—
—
ns
337
A10–A8 (HMUX=1), A2–A0 (HMUX=0), HR/W hold time after data strobe
deassertion9
—3.3
—
ns
338
Delay from read data strobe deassertion to host request assertion for “Last
Data Register” read4, 5, 10
TC
6.7
—
ns
339
Delay from write data strobe deassertion to host request assertion for “Last
Data Register” write5, 8, 10
2
× TC
13.4
—
ns
340
Delay from data strobe assertion to host request deassertion for “Last Data
Register” read or write (HROD = 0)5, 9, 10
—
—
19.1
ns
341
Delay from data strobe assertion to host request deassertion for “Last Data
Register” read or write (HROD = 1, open drain Host Request)5, 9, 10, 11
—
—
300.0
ns
342
Delay from DMA HACK deassertion to HOREQ assertion
• For “Last Data Register” read5
• For “Last Data Register” write5
• For other cases
2
× TC + 19.1
1.5
× TC + 19.1
32.5
29.2
0.0
—
—
—
ns
343
Delay from DMA HACK assertion to HOREQ deassertion
•HROD = 05
—
—
20.2
ns
344
Delay from DMA HACK assertion to HOREQ deassertion for “Last Data
Register” read or write
• HROD = 1, open drain Host Request5, 11
—
—
300.0
ns
1 See Host Port Usage Considerations in the DSP56367 User’s Manual.
2 In the timing diagrams below, the controls pins are drawn as active low. The pin polarity is programmable.
3 V
CC = 1.8 V ± 5%; TJ = –40°C to +95°C, CL = 50 pF
4 The read data strobe is HRD in the dual data strobe mode and HDS in the single data strobe mode.
5 The “last data register” is the register at address $7, which is the last location to be read or written in data transfers.
6 This timing is applicable only if a read from the “last data register” is followed by a read from the RXL, RXM, or RXH registers
without first polling RXDF or HREQ bits, or waiting for the assertion of the HOREQ signal.
7 This timing is applicable only if two consecutive reads from one of these registers are executed.
8 The write data strobe is HWR in the dual data strobe mode and HDS in the single data strobe mode.
Table 3-15
Host Interface (HDI08) Timing1, 2, 3 (continued)
No.
Characteristics
Expression
150 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com