Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
Parallel Host Interface (HDI08)
DSP56367 Technical Data, Rev. 2.1
2-8
Freescale Semiconductor
2.10
Parallel Host Interface (HDI08)
The HDI08 provides a fast, 8-bit, parallel data port that may be connected directly to the host bus. The
HDI08 supports a variety of standard buses and can be directly connected to a number of industry standard
microcomputers, microprocessors, DSPs, and DMA hardware.
Table 2-9 Host Interface
Signal Name
Type
State During
Reset
Signal Description
H0–H7
HAD0–HAD7
PB0–PB7
Input/
Output
Input/
Output
Input, Output, or
Disconnected
GPIO
Disconnected
Host Data—When HDI08 is programmed to interface a nonmultiplexed host
bus and the HI function is selected, these signals are lines 0–7 of the
bidirectional, tri-state data bus.
Host Address/Data—When HDI08 is programmed to interface a multiplexed
host bus and the HI function is selected, these signals are lines 0–7 of the
address/data bidirectional, multiplexed, tri-state bus.
Port B 0–7—When the HDI08 is configured as GPIO, these signals are
individually programmable as input, output, or internally disconnected.
The default state after reset for these signals is GPIO disconnected.
These inputs are 3.3V tolerant.
HA0
HAS/HAS
PB8
Input
Input
Input, Output, or
Disconnected
GPIO
Disconnected
Host Address Input 0—When the HDI08 is programmed to interface a
nonmultiplexed host bus and the HI function is selected, this signal is line 0 of
the host address input bus.
Host Address Strobe—When HDI08 is programmed to interface a
multiplexed host bus and the HI function is selected, this signal is the host
address strobe (HAS) Schmitt-trigger input. The polarity of the address strobe
is programmable, but is configured active-low (HAS) following reset.
Port B 8—When the HDI08 is configured as GPIO, this signal is individually
programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 3.3V tolerant.
HA1
HA8
PB9
Input
Input
Input, Output, or
Disconnected
GPIO
Disconnected
Host Address Input 1—When the HDI08 is programmed to interface a
nonmultiplexed host bus and the HI function is selected, this signal is line 1 of
the host address (HA1) input bus.
Host Address 8—When HDI08 is programmed to interface a multiplexed host
bus and the HI function is selected, this signal is line 8 of the host address
(HA8) input bus.
Port B 9—When the HDI08 is configured as GPIO, this signal is individually
programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 3.3V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com