Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
Timer Timing
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-51
3.16
Timer Timing
Figure 3-37 TIO Timer Event Input Restrictions
3.17
GPIO Timing
Table 3-21 Timer Timing1
1 V
CC = 1.8 V ± 0.09 V; TJ = –40°C to +95°C, CL = 50 pF
No.
Characteristics
Expression
150 MHz
Unit
Min
Max
480
TIO Low
2
× TC + 2.0
15.4
—
ns
481
TIO High
2
× TC + 2.0
15.4
—
ns
Table 3-22 GPIO Timing
No.
Characteristics1
1 V
CC = 1.8 V ± 0.09 V; TJ = -40°C to +95°C, CL = 50 pF
Expression
Min
Max
Unit
4902
2 Valid only when PLL enabled with multiplication factor equal to one.
EXTAL edge to GPIO out valid (GPIO out delay time)
—
32.8
ns
491
EXTAL edge to GPIO out not valid (GPIO out hold time)
4.8
—
ns
492
GPIO In valid to EXTAL edge (GPIO in set-up time)
10.2
—
ns
493
EXTAL edge to GPIO in not valid (GPIO in hold time)
1.8
—
ns
4942
Fetch to EXTAL edge before GPIO change
6.75
× TC-1.8
43.4
—
ns
495
GPIO out rise time
—
—
13
ns
496
GPIO out fall time
—
—
13
ns
TIO
481
480
AA0492



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com