Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
JTAG Timing
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-53
Figure 3-39 Test Clock Input Timing Diagram
Figure 3-40 Boundary Scan (JTAG) Timing Diagram
509
TMS, TDI data hold time
25.0
—
ns
510
TCK low to TDO data valid
0.0
44.0
ns
511
TCK low to TDO high impedance
0.0
44.0
ns
1 V
CC = 1.8 V ± 0.09 V; TJ = -40°C to +95°C, CL = 50 pF
2 All timings apply to OnCE module data transfers because it uses the JTAG port as an interface.
Table 3-23
JTAG Timing1, 2 (continued)
No.
Characteristics
All frequencies
Unit
Min
Max
TCK
(Input)
VM
VM
VIH
VIL
501
502
502
503
503
AA0496
TCK
(Input)
Data
Inputs
Data
Outputs
Data
Outputs
Data
Outputs
VIH
VIL
Input Data Valid
Output Data Valid
Output Data Valid
505
504
506
507
506
AA0497



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com