Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56367P Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # DSP56367P
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367P Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button DSP56367P Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56367P Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
Parallel Host Interface (HDI08)
DSP56367 Technical Data, Rev. 2.1
2-10
Freescale Semiconductor
HCS
HA10
PB13
Input
Input
Input, Output, or
Disconnected
GPIO
Disconnected
Host Chip Select—When HDI08 is programmed to interface a
nonmultiplexed host bus and the HI function is selected, this signal is the host
chip select (HCS) input. The polarity of the chip select is programmable, but
is configured active-low (HCS) after reset.
Host Address 10—When HDI08 is programmed to interface a multiplexed
host bus and the HI function is selected, this signal is line 10 of the host
address (HA10) input bus.
Port B 13—When the HDI08 is configured as GPIO, this signal is individually
programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 3.3V tolerant.
HOREQ/
HOREQ
HTRQ/
HTRQ
PB14
Output
Output
Input, Output, or
Disconnected
GPIO
Disconnected
Host Request—When HDI08 is programmed to interface a single host
request host bus and the HI function is selected, this signal is the host request
(HOREQ) output. The polarity of the host request is programmable, but is
configured as active-low (HOREQ) following reset. The host request may be
programmed as a driven or open-drain output.
Transmit Host Request—When HDI08 is programmed to interface a double
host request host bus and the HI function is selected, this signal is the transmit
host request (HTRQ) output. The polarity of the host request is
programmable, but is configured as active-low (HTRQ) following reset. The
host request may be programmed as a driven or open-drain output.
Port B 14—When the HDI08 is configured as GPIO, this signal is individually
programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 3.3V tolerant.
HACK/
HACK
HRRQ/
HRRQ
PB15
Input
Output
Input, Output, or
Disconnected
GPIO
Disconnected
Host Acknowledge—When HDI08 is programmed to interface a single host
request host bus and the HI function is selected, this signal is the host
acknowledge (HACK) Schmitt-trigger input. The polarity of the host
acknowledge is programmable, but is configured as active-low (HACK) after
reset.
Receive Host Request—When HDI08 is programmed to interface a double
host request host bus and the HI function is selected, this signal is the receive
host request (HRRQ) output. The polarity of the host request is
programmable, but is configured as active-low (HRRQ) after reset. The host
request may be programmed as a driven or open-drain output.
Port B 15—When the HDI08 is configured as GPIO, this signal is individually
programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 3.3V tolerant.
Table 2-9 Host Interface (continued)
Signal Name
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com