Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 53 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 49Page - STMicroelectronics TDA7529 Datasheet HTML 50Page - STMicroelectronics TDA7529 Datasheet HTML 51Page - STMicroelectronics TDA7529 Datasheet HTML 52Page - STMicroelectronics TDA7529 Datasheet HTML 53Page - STMicroelectronics TDA7529 Datasheet HTML 54Page - STMicroelectronics TDA7529 Datasheet HTML 55Page - STMicroelectronics TDA7529 Datasheet HTML 56Page - STMicroelectronics TDA7529 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
TDA7529
Registers description
53/60
6.1.29
Tuning DAC 2 (27 / 43)
6.1.30
DAC output voltage = 600mV + DACval * 9mV
6.1.31
Different controls (28 / 44)
Table 54.
Tuning DAC 2 (27 / 43)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
X
DAC 2 voltage 8..1
DAC2_1
DAC2_2
DAC2_3
DAC2_4
DAC2_5
DAC2_6
DAC2_7
DAC2_8
Table 55.
Different controls (28 / 44)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
DAC 1 On / Off
Off
On
0
1
DAC 2 On / Off
Off
On
X
DAC 1_0
X
DAC 2_0
XX
Not used
X
Not used
0
1
IQ phase select
I anticipates Q
Q anticipates I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com