Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 18Page - STMicroelectronics TDA7529 Datasheet HTML 19Page - STMicroelectronics TDA7529 Datasheet HTML 20Page - STMicroelectronics TDA7529 Datasheet HTML 21Page - STMicroelectronics TDA7529 Datasheet HTML 22Page - STMicroelectronics TDA7529 Datasheet HTML 23Page - STMicroelectronics TDA7529 Datasheet HTML 24Page - STMicroelectronics TDA7529 Datasheet HTML 25Page - STMicroelectronics TDA7529 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Electrical specifications
TDA7529
22/60
4.6
IF - section
Fast attack time constant
active in case of overdrive
(more than 7dB)
0.05
0.5
5
ms
Time constant
Range, mode T1
Range, mode T2
Range, mode T3
0.5-50
2.5-250
12.5-
1250
ms
ms
ms
Table 12.
AM - section (continued)
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
Table 13.
IF - section
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
IF AMPLIFIER
Grange
Gain range
Input 1-3 (FM,HD,AM), min.
23
25
27
dB
Input 1-3 (FM,HD,AM), max
36
38
40
Input 4 (HD-Radio AM), min.
15
17
19
Input 4 (HD-Radio AM), max
29
31
33
Gstep
Gain step
3 bit control
1.5
2
2.5
dB
ΔAGC
AGC range
16.5
18
19
dB
AGC steps
2-bit control
5.2
6
6.6
Rin_input1
Input impedance input 1
FM –input @ 10.7MHz
230
330
450
W
Rin_input2
Input impedance input 2
HD-Radio FM input @
10.7MHz
2.2
2.9
3.6
k
Ω
Rin_input3
Input impedance input 3
AM input @ 10.7MHz
7
8.2
10
k
Ω
Rin_input4
Input impedance input 4
HD-Radio AM input @
10.7MHz
78.7
11
k
Ω
Rout
Differential output
impedance
15
W
Vout_max
Max. output voltage
115
117
dBµV
Gain, load
Gain variation in loaded
conditions
10pF between each IFAMP
outputs and GND, 10k
Ω
differential load
0.5
dB
IIP3,load
IIP3 decrease in loaded
conditions
10pF between each IFAMP
outputs and GND, 10k
Ω
differential load
1dB
IIP3
3rd order intercept point
input stage 1-3, @ 25dB gain
119
122
dBµV
input stage 4, @ 17dB gain
130
133
IIP2
2nd order intercept point
input stage 1-3
142
dBµV
input stage 4
154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com