Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 49 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 45Page - STMicroelectronics TDA7529 Datasheet HTML 46Page - STMicroelectronics TDA7529 Datasheet HTML 47Page - STMicroelectronics TDA7529 Datasheet HTML 48Page - STMicroelectronics TDA7529 Datasheet HTML 49Page - STMicroelectronics TDA7529 Datasheet HTML 50Page - STMicroelectronics TDA7529 Datasheet HTML 51Page - STMicroelectronics TDA7529 Datasheet HTML 52Page - STMicroelectronics TDA7529 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
TDA7529
Registers description
49/60
6.1.19
GPIO output level control (18 / 34)
6.1.20
IF control (19 / 35)
Table 44.
GPIO output level control (18 / 34)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
:
X
:
:
X
:
:
X
:
:
X
:
:
X
:
0
1
0
1
GPIOx high / low output level
GPIO1 low
GPIO1 high
GPIO2 low
GPIO2 high
:
GPIOx low / high
:
GPIO8 low
GPIO8 high
Table 45.
IF control (19 / 35)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
X
Not used
0
1
RC test
Test enabled
Test disabled
0
1
AMAGC input buffer
Buffer enabled
Buffer disabled
0
1
Mixer input selection for FM
FM1 mixer input
FM2 mixer input
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
IF amplifier Gain
25dB (input1-3) / 19dB (input4)
27dB (input1-3) / 21dB (input4)
:
37dB (input1-3) / 31dB (input4)
39dB (input1-3) / 33dB (input4)
0
1
IF input selection analog / IBOC
IBOC
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com