Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 19Page - STMicroelectronics TDA7529 Datasheet HTML 20Page - STMicroelectronics TDA7529 Datasheet HTML 21Page - STMicroelectronics TDA7529 Datasheet HTML 22Page - STMicroelectronics TDA7529 Datasheet HTML 23Page - STMicroelectronics TDA7529 Datasheet HTML 24Page - STMicroelectronics TDA7529 Datasheet HTML 25Page - STMicroelectronics TDA7529 Datasheet HTML 26Page - STMicroelectronics TDA7529 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
TDA7529
Electrical specifications
23/60
Vnoise_input 1 IN1 input noise voltage
@ source impedance 330
Ω ·
noiseless, @31dB gain
3.5
4.2
nV/
√Hz
Vnoise_input 2 IN2 input noise voltage
@ source impedance 470
Ω ·
noiseless, @ 31dB gain, with
external 560
Ω input
termination resistor
3.8
4.6
nV/
√Hz
Vnoise_input 3 IN3 input noise voltage
@ source impedance 2.2k
Ω ·
noiseless, @ 29dB gain, with
external 2.7k
Ω input
termination resistor
56.5
nV/
√Hz
Vnoise_input 4 IN4 input noise voltage
@ source impedance 2.2k
Ω ·
noiseless, @ 24dB gain, with
external 2.7k
Ω input
termination resistor
78.5
nV/
√Hz
IF AGC
External capacitance for time constant from 10nF to 500nF in FM (asym. mode), from 100nF to 4700nF in AM (sym. mode)
– time constant values are directly proportional to the external capacitor value
Lthr
IFAmp input referred
FM, min. setting
88.5
91
93.5
dBµV
FM, max setting
99.5
101
103.5
AM, min. setting
86.5
89
91.5
AM, max setting
96.5
99
101.5
Threshold steps
1
1.5
2
dB
Fast attack mode in AM-
mode, range
active in case of overdrive
0.05
0.5
5
ms
Time constant attack,
range
FM: asym. mode U1
FM: asym. mode U2
AM: sym. mode S1
AM: sym. mode S2
10-500
0.05-2.5
2.0-100
20-1000
µs
ms
ms
ms
Time constant decay,
range
FM: asym. mode U1 / U2
AM: sym. mode S1
AM: sym. mode S2
2-100
2-100
20-1000
ms
ms
ms
Table 13.
IF - section (continued)
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com