Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 58 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 52Page - STMicroelectronics TDA7529 Datasheet HTML 53Page - STMicroelectronics TDA7529 Datasheet HTML 54Page - STMicroelectronics TDA7529 Datasheet HTML 55Page - STMicroelectronics TDA7529 Datasheet HTML 56Page - STMicroelectronics TDA7529 Datasheet HTML 57Page - STMicroelectronics TDA7529 Datasheet HTML 58Page - STMicroelectronics TDA7529 Datasheet HTML 59Page - STMicroelectronics TDA7529 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
Package information
TDA7529
58/60
8
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 18.
LQFP64 (10x10x1.4mm) exposed pad down mechanical data and package
dimensions (exposed pad size for D2 and E2: 4.5mm max.)
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1
0.050
0.150 0.0020
0.0059
A2
1.350
1.400
1.450 0.0531 0.0551 0.0571
b
0.170
0.220
0.270 0.0067 0.0087 0.0106
c
0.090
0.200 0.0035
0.0079
D
11.800 12.000 12.200 0.4646 0.4724 0.4803
D1
9.800 10.000 10.200 0.3858 0.3937 0.4016
D2
According to Pad size
D3
7.500
0.2953
E
11.800 12.000 12.200 0.4646 0.4724 0.4803
E1
9.800 10.000 10.200 0.3858 0.3937 0.4016
E2
According to Pad size
E3
7.500
0.2953
e
0.500
0.0197
L
0.450
0.600
0.750 0.0177 0.0236 0.0295
L1
1.000
0.0394
k
3.500
7.000
0.1378 0.2756
ccc
0.080
0.0031
Note: 1. Exact shape of each corner is optional.
LQFP64 (10x10x1.4mm)
Exposed Pad Down
7278841 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com