Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 44Page - STMicroelectronics TDA7529 Datasheet HTML 45Page - STMicroelectronics TDA7529 Datasheet HTML 46Page - STMicroelectronics TDA7529 Datasheet HTML 47Page - STMicroelectronics TDA7529 Datasheet HTML 48Page - STMicroelectronics TDA7529 Datasheet HTML 49Page - STMicroelectronics TDA7529 Datasheet HTML 50Page - STMicroelectronics TDA7529 Datasheet HTML 51Page - STMicroelectronics TDA7529 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Registers description
TDA7529
48/60
6.1.18
AMAGC control (17 / 33)
Table 43.
AMAGC control (17 / 33
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
AM AGC voltage output mode
Off
Voltage output / sense internal
Calibration
Voltage output / sense external
0
0
1
1
0
1
0
1
AM AGC current output mode
Off
Constant 2mA
Positive current
N/A
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
AM AGC thresholds
Mixer input level = 94 dBµV
Mixer input level = 95 dBµV
Mixer input level = 96 dBµV
Mixer input level = 97 dBµV
Mixer input level = 98 dBµV
Mixer input level = 99 dBµV
Mixer input level = 100 dBµV
Mixer input level = 101 dBµV
Mixer input level = 94 dBµV
Mixer input level = 93 dBµV
Mixer input level = 92 dBµV
Mixer input level = 91 dBµV
Mixer input level = 90 dBµV
Mixer input level = 89 dBµV
Mixer input level = 88 dBµV
Mixer input level = 87 dBµV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com